Part Number Hot Search : 
SP840 CD6281CA ISL81387 003901 MMBZ5242 71973 TQ5121 LTI610FT
Product Description
Full Text Search
 

To Download MBRF10H150CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features ? plastic material used ca rries underwriters laboratory classifications 94v-0 ? metal silicon junction, ma jority carrier conduction ? low power loss, high efficiency ? high current capability, low forward voltage drop ? high surge capability ? for use in low voltage, high frequency inverters, free wheeling, and polarity protection applications ? guardring for overvoltage protection ? high temperature soldering guaranteed: 260 o c/10 seconds,0.25?(6.35mm)from case mechanical data ? cases: ito-220ab molded plastic ? polarity: as marked ? mounting position: any ? mounting torque: 5 in. - lbs. max ? weight: 0.08 ounce, 2.24 grams dimensions in inches and (millimeters) maximum ratings and electrical characteristics rating at 25 o c ambient temperature unle ss otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20% type number symbol mbrf 10h100ct mbrf 10h150ct mbrf 10h200ct units maximum recurrent peak reverse voltage v rrm 100 150 200 v maximum rms voltage v rms 70 105 140 v maximum dc blocking voltage v dc 100 150 200 v maximum average forward rectified current at t c =125 o c i (av) 10 a peak repetitive forward current (rated v r , square wave, 20khz) at tc=133 o c i frm 10 a peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load (jedec method ) i fsm 120 a peak repetitive reverse surge current (note 1) i rrm 1.0 0.5 a maximum instantaneous forward voltage at (note 2) i f = 5a, tc=25 o c i f = 5a, tc=125 o c i f =10a, tc=25 o c i f =10a, tc=125 o c v f 0.85 0.75 0.95 0.85 0.88 0.75 0.97 0.85 v maximum instantaneous reverse current at rated dc blocking voltage @tc=25 o c @ tc=125 o c i r 5.0 1.0 ua ma voltage rate of change, (rated v r ) dv/dt 10,000 v/us rms isolation voltage (t=1.0 second, r.h. Q30%, t a =25 o c) (note 4) (note 5) (note 6) v iso 4500 3500 1500 v typical thermal resistance per leg (note3) r jc 3.5 o c/w operating junction temperature range t j -65 to +175 o c storage temperature range t stg -65 to +175 o c notes: 1. 2.0 us pulse width, f=1.0 khz 2. pulse test: 300us pulse width, 1% duty cycle 3. thermal resistance from junction to case per leg. 4. clip mounting (on case), where lead does not overlap heatsink with 0.110? offset. 5. clip mounting (on case), where leads do overlap heatsink. 6. screw mounting with 4-40 screw, where washer diameter is 4.9 mm (0.19?) Q ito-220ab mbrf10h100ct-mbrf10h200ct isolated 10.0amp.schottky barrier rectifiers http://www.luguang.cn mail:lge@luguang.cn
fig.2- maximum non-repetitive forward surge current peak forward surge current. (a) 1 0.1 10 100 180 150 120 90 60 30 0 number of cycles at 60hz fig.3- typical instantaneous forward characteristics instantaneous forward current. (a) 1.1 0.9 0.7 1.3 1.0 0.8 0.6 1.2 0.1 1 10 40 forward voltage. (v) fig.4- typical reverse characteristics instantaneous reverse current. (ma) 0 20 40 60 80 100 120 140 percent of rated peak reverse voltage. (%) fig.6- typical transient thermal characteristics per leg transient thermal impedance. ( c/w) o 1 0.01 0.1 10 100 0.1 10 1 100 t, pulse duration. (sec) fig.5- typical junction capacitance junction capacitance.(pf) 0.1 1 10 100 100 1,000 5,000 reverse voltage. (v) tj=25 c f=1.0mhz vsig=50mvp-p 0 fig.1- forward current derating curve average forward current. (a) 0 50 100 150 12 10 8 6 4 2 0 case temperature. ( c) o resistive or inductive load ratings and characteristic curves (mbrf10h100ct - mbrf10h200ct) 500 tj=tj max. 8.3ms single half sine-wave jedec method tj=75 c 0 tj=125 c 0 tj=25 c 0 20 4 2 0.4 0.2 tj=25 c pulse width-300 s 1% duty cycle 0 0.0001 0.001 0.01 0.1 1 5 25 75 125 175 tj=25 c 0 tj=125 c 0 mbrf10h100ct-mbrf10h200ct isolated 10.0amp.schottky barrier rectifiers http://www.luguang.cn mail:lge@luguang.cn


▲Up To Search▲   

 
Price & Availability of MBRF10H150CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X